Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8300 Datasheet (PDF) - Princeton Technology Corp

PT8300 Datasheet PDF - Princeton Technology Corp
Part # PT8300
Download  PT8300 Download
File Size   56.62 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 16-Bit I/O Expander IC

PT8300 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT8300 Datasheet PDF - Princeton Technology Corp

Part # PT8300
Download  PT8300 Click to download

File Size   56.62 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 16-Bit I/O Expander IC

PT8300 Datasheet (HTML) - Princeton Technology Corp


PT8300 Product details

DESCRIPTION

PT8300 is an I/O expander utilizing CMOS technology providing 16 bits serial input-parallel output and 8 bits parallel input-serial output shift register function. 8 input pins or 16 output pins can be configured to a cascading or parallel structure. Reading of serial data during the parallel to serial data conversion is enabled by the built-in independent registers for serial input to parallel output and parallel input to serial output. Housed in 28 pins, SOP Package, PT8300 provides 8 input or 16 output pins which can be configured into a cascading structure. Pin assignments and application circuits are optimized for easy PCB layout and cost saving benefits.



FEATURES

• CMOS technology

• Low power consumption:

   - Wide operating supply voltage range: VDD=3 to 5.5V

   - Wide operating temperature range: Ta=-20 to +75℃

• Reading of the serial data during parallel to serial data conversion

• 8 output pins or 8 input/output pins provided

• Schmitt triggered inputs (DI1,DI2,CLK,LATCH, /RESET,PULLUP)

• Parallel data inputs provided (P8 to P15)

• Open drain with selectable pull up resistance ports provided (P8 to P15)

• Normal output ports provided (P0 to P7)

• Port extension is supported



APPLICATIONS

• MCU peripheral device

• Serial bus system data communication



 




Similar Part No. - PT8300

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
PT8300-R PTC-PT8300-R Datasheet
427Kb / 19P
16-Bit I/O Expander IC
logo
CT Micro International ...
PT8300BT CTMICRO-PT8300BT Datasheet
836Kb / 9P
3mm Lamp Type Photo Transistor
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
More results


Similar Description - PT8300

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com