Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016 Datasheet (PDF) - Microchip Technology

MCP23016 Datasheet PDF - Microchip Technology
Part # MCP23016
Download  MCP23016 Download
File Size   569.68 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit I2C??I/O Expander

MCP23016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP23016 Datasheet PDF - Microchip Technology

Part # MCP23016
Download  MCP23016 Click to download

File Size   569.68 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit I2C??I/O Expander

MCP23016 Datasheet (HTML) - Microchip Technology


MCP23016 Product details

DEVICE OVERVIEW

The MCP23016 device provides 16-bit, general purpose, parallel I/O expansion for I2C bus applications. This device includes high-current drive capability, low supply current and individual I/O configuration. I/O expanders provide a simple solution when additional I/Os are needed for ACPI, power switches, sensors, push buttons, LEDs and so on.



Features

• 16-bit remote bidirectional I/O port

  - 16 I/O pins default to 16 inputs

•Fast I2C™ bus clock frequency (0 - 400 kbits/s)

• Three hardware address pins allow use of up to eight devices

• High-current drive capability per I/O: ±25 mA

• Open-drain interrupt output on input change

• Interrupt port capture register

• Internal Power-On Reset (POR)

• Polarity inversion register to configure the polarity of the input port data

• Compatible with most microcontrollers

• Available temperature range:

  - Industrial (I): -40°C to +85°C




Similar Part No. - MCP23016

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
More results


Similar Description - MCP23016

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_17 Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Diodes Incorporated
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6416Q DIODES-PI4IOE5V6416Q Datasheet
2Mb / 17P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com