Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 4 Page - Microchip Technology

  MCP23016 Datasheet HTML 1Page - Microchip Technology MCP23016 Datasheet HTML 2Page - Microchip Technology MCP23016 Datasheet HTML 3Page - Microchip Technology MCP23016 Datasheet HTML 4Page - Microchip Technology MCP23016 Datasheet HTML 5Page - Microchip Technology MCP23016 Datasheet HTML 6Page - Microchip Technology MCP23016 Datasheet HTML 7Page - Microchip Technology MCP23016 Datasheet HTML 8Page - Microchip Technology MCP23016 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP23016
DS20090C-page 4
© 2007 Microchip Technology Inc.
1.2
Power-on Reset (POR)
The on-chip POR circuit holds the chip in RESET until
VDD has reached a high enough level to deactivate the
POR circuit (i.e., release RESET). A maximum rise
time for VDD is specified in the electrical specifications.
When the device starts normal operation (exits the
RESET
condition),
device
operating
parameters
(voltage, frequency, temperature) must be met to
ensure proper operation.
1.3
Power-up Timer (PWRT)
The Power-up Timer provides a 72 ms nominal time-
out on power-up, keeping the device in RESET and
allowing VDD to rise to an acceptable level.
The power-up time delay will vary from chip-to-chip due
to VDD, temperature and process variation. See
Table 2-4 for details (TPWRT, parameter 3).
1.4
Clock Generator
The MCP23016 uses an external RC circuit to
determine the internal clock speed. The user must
connect R and C to the MCP23016, as shown in
Figure 1-1.
FIGURE 1-1:
CLOCK CONFIGURATION
A 1 MHz (typ.) internal clock is needed for the device to
function properly. The internal clock can be measured
on the TP pin. Recommended REXT and CEXT values
are shown in Table 1-2.
1.5
I2C Bus Interface/ Protocol
Handler
This block manages the functionality of the I2C bus
interface and protocol handling. The MCP23016
supports the following commands:
TABLE 1-3:
COMMAND BYTE TO
REGISTER RELATIONSHIP
1.6
Address Decoder
The last three LSb of the 7-bit address are user-defined
(see Table 1-4). Three hardware pins (<A2:A0>) define
these bits.
TABLE 1-4:
DEVICE ADDRESS
Internal Clock
MCP23016
VDD
REXT
CEXT
VSS
CLK
Note:
Set IARES = 1 to measure the clock
output on TP.
TABLE 1-2:
RECOMMENDED VALUES
REXT
CEXT
3.9 k
Ω
33 pF
Command Byte
Result
0h
Access to GP0
1h
Access to GP1
2h
Access to OLAT0
3h
Access to OLAT1
4h
Access to IPOL0
5h
Access to IPOL1
6h
Access to IODIR0
7h
Access to IODIR1
8h
Access to INTCAP0 (Read-Only)
9h
Access to INTCAP1 (Read-Only)
Ah
Access to IOCON0
Bh
Access to IOCON1
0100
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com