Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 1 Page - Microchip Technology

  MCP23016 Datasheet HTML 1Page - Microchip Technology MCP23016 Datasheet HTML 2Page - Microchip Technology MCP23016 Datasheet HTML 3Page - Microchip Technology MCP23016 Datasheet HTML 4Page - Microchip Technology MCP23016 Datasheet HTML 5Page - Microchip Technology MCP23016 Datasheet HTML 6Page - Microchip Technology MCP23016 Datasheet HTML 7Page - Microchip Technology MCP23016 Datasheet HTML 8Page - Microchip Technology MCP23016 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 1
MCP23016
Features
• 16-bit remote bidirectional I/O port
- 16 I/O pins default to 16 inputs
•Fast I2C™ bus clock frequency (0 - 400 kbits/s)
• Three hardware address pins allow use of up to
eight devices
• High-current drive capability per I/O: ±25 mA
• Open-drain interrupt output on input change
• Interrupt port capture register
• Internal Power-On Reset (POR)
• Polarity inversion register to configure the polarity
of the input port data
• Compatible with most microcontrollers
• Available temperature range:
- Industrial (I): -40°C to +85°C
CMOS Technology
• Operating Supply Voltage: 2.0V to 5.5V
• Low standby current
Packages
• 28-pin PDIP, 300 mil; 28-pin SOIC, 300 mil
• 28-pin SSOP, 209 mil; 28-pin QFN, 6x6 mm
Package Types
Block Diagram
Vss
GP1.0
GP1.1
GP1.2
GP1.3
INT
GP1.4
VSS
CLK
TP
GP1.5
GP1.6
GP1.7
SCL
GP0.7
GP0.6
GP0.5
GP0.4
GP0.3
GP0.2
GP0.1
GP0.0
VDD
VSS
A2
A1
A0
SDA
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PDIP, SOIC, SSOP
QFN
2
3
4
5
6
1
7
GP1.2
GP1.3
INT
GP1.4
VSS
CLK
TP
15
16
17
18
19
20
21
GP0.3
GP0.2
GP0.1
GP0.0
VDD
VSS
A2
23
24
25
26
27
28
22
10 11
8 9
121314
MCP23016
16 Bits
GP0.0 to GP0.7
GP1.0 to GP1.7
Write pulse
Read pulse
Low Pass
Filter
Interrupt
Logic
I2C™ Bus
Control
Address
Decoder
Power-on
Reset
I/O
Port
Clock
Gen
I2C™ Bus
Interface/
Protocol
Handler
INT
A0
A1
A2
SCL
SDA
CLKIN
VDD
VSS
Configuration
Registers
Control
8-Bit
TP
IARES
16-Bit I2C™ I/O Expander


Similar Part No. - MCP23016

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
More results

Similar Description - MCP23016

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_17 Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Diodes Incorporated
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6416Q DIODES-PI4IOE5V6416Q Datasheet
2Mb / 17P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com