Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62446AFP Datasheet (PDF) - Renesas Technology Corp

M62446AFP Datasheet PDF - Renesas Technology Corp
Part # M62446AFP
Download  M62446AFP Download
File Size   240.74 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6ch Electronic Volume with Tone Control

M62446AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62446AFP Datasheet PDF - Renesas Technology Corp

Part # M62446AFP
Download  M62446AFP Click to download

File Size   240.74 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6ch Electronic Volume with Tone Control

M62446AFP Datasheet (HTML) - Renesas Technology Corp


M62446AFP Product details

Description

The M62446AFP is 6ch electronic volume with tone control. This IC is revised from M62446FP. The extended function of M62446AFP is volume level and tone control level. M62446AFP is easy to use more than M62446FP.



Features

• 6ch Electric volume

   Volume level: 0 to –95 dB (1 dB/step)*

• Tone control

   Bass/Treble: –14 dB to +14 dB (2 dB/step)*

• Noise voltage: 1.5 µVrms

• 4 Output ports

• Bypass mode is high quality sound.

   Note: * is an extended function.



Application

  DVD, Home Audio equipment, TV



 




Similar Part No. - M62446AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
More results


Similar Description - M62446AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
6ch Electronic Volume with Tone Control
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
6CH ELECTRONIC VOLUME CONTROLLER
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
6ch Electronic Volume
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com