Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62463AFP Datasheet (PDF) - Renesas Technology Corp

M62463AFP Datasheet PDF - Renesas Technology Corp
Part # M62463AFP
Download  M62463AFP Download
File Size   203.09 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dolby Pro Logic Surround Decoder

M62463AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62463AFP Datasheet PDF - Renesas Technology Corp

Part # M62463AFP
Download  M62463AFP Click to download

File Size   203.09 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dolby Pro Logic Surround Decoder

M62463AFP Datasheet (HTML) - Renesas Technology Corp


M62463AFP Product details

Description

The M62463AFP is a single chip Dolby Pro Logic surround decoder. This LSI has all of required functions for Dolby Pro Logic surround.



Features

• Includes all functions necessary for Dolby Pro Logic surround

   ⎯ Adaptive matrix

   ⎯ Input auto-balance

   ⎯ Noise sequencer

   ⎯ Center mode control ON/OFF, WIDE/NORMAL/PHANTOM

   ⎯ Modified Dolby B type noise reduction

   ⎯ 4 channel (Lch/Rch/Cch/Sch) / 3 channel (Lch/Rch/Cch)

   ⎯ Digital delay Delay time: 15.4 to 51.2 ms

• Cch/Sch master volume: 0 to –87 dB / 1 dB step, –∞

• 3-lines MCU control

• Space surround such as Disco, Hall and Live

• Digital echo for Karaoke function Delay time: 123,184 ms

• Current control oscillation circuit for system clock



 




Similar Part No. - M62463AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
More results


Similar Description - M62463AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com