Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1102A Datasheet (PDF) - New Japan Radio

NJW1102A Datasheet PDF - New Japan Radio
Part # NJW1102A
Download  NJW1102A Download
File Size   158.58 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DOLBY PRO LOGIC SURROUND DECODER

NJW1102A Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW1102A Datasheet PDF - New Japan Radio

Part # NJW1102A
Download  NJW1102A Click to download

File Size   158.58 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DOLBY PRO LOGIC SURROUND DECODER

NJW1102A Datasheet (HTML) - New Japan Radio


NJW1102A Product details

■ GENERAL DESCRIPTION
The NJW1102/1102A are Dolby Pro Logic Surround Decoder. The internal status and the balance of surround speakers are controlled by serial data.
The NJW1102/1102A perform complete Dolby Pro Logic Surround and other functions such as Hall, Matrix, etc. combined with the NJU9702 digital delay IC.

■ FEATURES
● Operating Voltage 9 to 13V
● Center and Surround Channel Level Trimmer
   NJW1102 -15 to +15dB / 1dB Step
   (Pro Logic Mode -15 to +3dB/1dB Step)
   NJW1102A -31 to 0dB / 1dB Step
● Other Surround Mode
● Serial Data Control(3-wire:DATE,REQ,SCK)
● Internal Mode Control Switch
● Package Outline SDIP56, TQFP64




Similar Part No. - NJW1102A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102FG1 NJRC-NJW1102FG1 Datasheet
164Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
More results


Similar Description - NJW1102A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
Dolby Pro Logic Surround Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com