Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404356H Datasheet (PDF) - Renesas Technology Corp

HD404356H Datasheet PDF - Renesas Technology Corp
Part # HD404356H
Download  HD404356H Download
File Size   385.79 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer has an A/D converter,

HD404356H Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404356H Datasheet PDF - Renesas Technology Corp

Part # HD404356H
Download  HD404356H Click to download

File Size   385.79 Kbytes
Page   102 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description microcomputer has an A/D converter,

HD404356H Datasheet (HTML) - Renesas Technology Corp


HD404356H Product details

Description
The HD404358 Series is a 4-bit HMCS400-Series microcomputer designed to increase program productivity and also incorporate large-capacity memory. Each microcomputer has an A/D converter, input capture timer, and two low-power dissipation modes.

Features
• 34 I/O pins
    ― One input-only pin
    ― 33 input/output pins: 4 pins are intermediate-voltage NMOS open drain with high-current pins (15 mA, max.)
• On-chip A/D converter (8-bit × 8-channel)
    ― Low power voltage 2.7 V to 6.0 V
• Three timers
    ― One event counter input
    ― One timer output
    ― One input capture timer
• Eight-bit clock-synchronous serial interface (1 channel)
• Alarm output
• Built-in oscillators
    ― Ceramic oscillator or crystal
    ― External clock drive is also possible
• Seven interrupt sources
    ― Two by external sources
    ― Three by timers
    ― One by A/D converter
    ― One by serial interface
• Two low-power dissipation modes
    ― Standby mode
    ― Stop mode
• Instruction cycle time
    ― 0.47 µs (fOSC = 8.5 MHz, 1/4 division ratio): HD40A4354, HD40A4356, HD40A4358, HD407A4359
    ― 0.8 µs (fOSC = 5 MHz, 1/4 division ratio): HD404354, HD404356, HD404358




Similar Part No. - HD404356H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404356H HITACHI-HD404356H Datasheet
398Kb / 100P
4-bit HMCS400-Series microcomputer
More results


Similar Description - HD404356H

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
D/A CONVERTER
logo
Sharp Corporation
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
logo
fujitsu semiconductor
MB88210 FUJITSU-MB88210 Datasheet
1Mb / 24P
CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER
logo
Freescale Semiconductor...
AN1775 FREESCALE-AN1775 Datasheet
789Kb / 12P
Expanding Digital Input with an A/D Converter
logo
Renesas Technology Corp
HD404344R RENESAS-HD404344R Datasheet
333Kb / 102P
4-bit microcomputer has an A/D converter
HD404369 RENESAS-HD404369 Datasheet
421Kb / 117P
microcomputer has an A/D converter
HD404449 RENESAS-HD404449 Datasheet
438Kb / 125P
microcomputer has four timers, two serial interfaces, A/D converter,
logo
Surge Components
LP SURGE-LP Datasheet
639Kb / 1P
has an auxiliary terminal which can withstand vibration
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com