Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM628512C Datasheet (PDF) - Renesas Technology Corp

HM628512C Datasheet PDF - Renesas Technology Corp
Part # HM628512C
Download  HM628512C Download
File Size   109.67 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4 M SRAM (512-kword 쨈 8-bit)

HM628512C Datasheet (PDF)

Go To PDF Page Download Datasheet
HM628512C Datasheet PDF - Renesas Technology Corp

Part # HM628512C
Download  HM628512C Click to download

File Size   109.67 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4 M SRAM (512-kword 쨈 8-bit)

HM628512C Datasheet (HTML) - Renesas Technology Corp


HM628512C Product details

Description

The Hitachi HM628512C is a 4-Mbit static RAM organized 512-kword ×8-bit. It realizes higher density, higher performance and low power consumption by employing CMOS process technology (6-transistor memory cell). The device, packaged in a 525-mil SOP (foot print pitch width) or 400-mil TSOP TYPE II or 600-mil plastic DIP, is available for high density mounting. The HM628512C is suitable for battery backup system.



Features

•  Single 5 V supply

•  Access time: 55/70 ns (max)

•  Power dissipation

 Active: 10 mW/MHz (typ)

 Standby: 4 µW (typ)

•  Completely static memory. No clock or timing strobe required

•  Equal access and cycle times

•  Common data input and output: Three state output

•  Directly TTL compatible: All inputs and outputs

•  Battery backup operation




Similar Part No. - HM628512C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
4 M SRAM (512-kword x 8-bit)
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM628512CI RENESAS-HM628512CI Datasheet
109Kb / 19P
Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
logo
Hitachi Semiconductor
HM628512CLFP-5 HITACHI-HM628512CLFP-5 Datasheet
84Kb / 17P
4 M SRAM (512-kword x 8-bit)
HM628512CLFP-5SL HITACHI-HM628512CLFP-5SL Datasheet
84Kb / 17P
4 M SRAM (512-kword x 8-bit)
More results


Similar Description - HM628512C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512C RENESAS-HM62V8512C Datasheet
100Kb / 18P
4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
4 M SRAM (512-kword 쨈 8-bit)
HM62W8512B RENESAS-HM62W8512B Datasheet
99Kb / 18P
4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI Datasheet
80Kb / 15P
4 M SRAM (512-kword 쨈 8-bit)
HM628512CI RENESAS-HM628512CI Datasheet
109Kb / 19P
Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
4 M SRAM (512-kword 쨈 8-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com