Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM628512CI Datasheet (PDF) - Renesas Technology Corp

HM628512CI Datasheet PDF - Renesas Technology Corp
Part # HM628512CI
Download  HM628512CI Download
File Size   109.35 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)

HM628512CI Datasheet (PDF)

Go To PDF Page Download Datasheet
HM628512CI Datasheet PDF - Renesas Technology Corp

Part # HM628512CI
Download  HM628512CI Click to download

File Size   109.35 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)

HM628512CI Datasheet (HTML) - Renesas Technology Corp


HM628512CI Product details

Description

The Hitachi HM628512CI is a 4-Mbit static RAM organized 512-kword ×8-bit. HM628512CI Series has realized higher density, higher performance and low power consumption by employing CMOS procss technology (6-transistor memory cell). The HM628512CI Series offers low power standby power dissipation; therefore, it is suitable for battery backup systems. It has packaged in 32-pin SOP, 32-pin TSOP II and 32-pin DIP.



Features

•  Single 5 V supply

•  Access time: 55/70 ns (max)

•  Power dissipation

 Active: 10 mW/MHz (typ)

 Standby: 4 µW (typ)

•  Completely static memory. No clock or timing strobe required

•  Equal access and cycle times

•  Common data input and output: Three state output

•  Directly TTL compatible: All inputs and outputs

•  Battery backup operation

•  Operating temperature: –40 to +85˚C




Similar Part No. - HM628512CI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
More results


Similar Description - HM628512CI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8512C RENESAS-HM62V8512C Datasheet
100Kb / 18P
4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI Datasheet
80Kb / 15P
4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
4 M SRAM (512-kword 쨈 8-bit)
HM6216514I RENESAS-HM6216514I_15 Datasheet
121Kb / 20P
Wide Temperature Range Version 8 M SRAM (512-kword 쨈 16-bit)
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com