Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM628512CI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HM628512CI
Description  Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM628512CI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HM628512CI Datasheet HTML 5Page - Renesas Technology Corp HM628512CI Datasheet HTML 6Page - Renesas Technology Corp HM628512CI Datasheet HTML 7Page - Renesas Technology Corp HM628512CI Datasheet HTML 8Page - Renesas Technology Corp HM628512CI Datasheet HTML 9Page - Renesas Technology Corp HM628512CI Datasheet HTML 10Page - Renesas Technology Corp HM628512CI Datasheet HTML 11Page - Renesas Technology Corp HM628512CI Datasheet HTML 12Page - Renesas Technology Corp HM628512CI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
HM628512CI Series
7
AC Characteristics (Ta = –40 to +85
°C, V
CC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.4 V to 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate + C
L (50 pF) (HM628512CI-5)
1 TTL Gate + C
L (100 pF) (HM628512CI-7)
(Including scope and jig)
Read Cycle
HM628512CI
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
—
70
—
ns
Address access time
t
AA
—
55
—
70
ns
Chip select access time
t
CO
—
55
—
70
ns
Output enable to output valid
t
OE
—
25
—
35
ns
Chip selection to output in low-Z
t
LZ
10
—
10
—
ns
2
Output enable to output in low-Z
t
OLZ
5
—
5
—
ns
2
Chip deselection to output in high-Z
t
HZ
0
20
0
25
ns
1, 2
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2
Output hold from address change
t
OH
10
—
10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com