Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16623F4 Datasheet (PDF) - Renesas Technology Corp

M16623F4 Datasheet PDF - Renesas Technology Corp
Part # M16623F4
Download  M16623F4 Download
File Size   3307.18 Kbytes
Page   242 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M16623F4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M16623F4 Datasheet PDF - Renesas Technology Corp

Part # M16623F4
Download  M16623F4 Click to download

File Size   3307.18 Kbytes
Page   242 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M16623F4 Datasheet (HTML) - Renesas Technology Corp


M16623F4 Product details

Description

The M16C/62A (80-pin version) group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 80-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communications, industrial equipment, and other high-speed processing applications. The M16C/62A (80-pin version) group includes a wide range of products with different internal memory types and sizes and various package types.



Features

• Memory capacity..................................ROM (See Figure 1.1.3. ROM Expansion)

RAM 3K to 20K bytes

• Shortest instruction execution time ......62.5ns (f(XIN)=16MHZ, VCC=5V)

100ns (f(XIN)=10MHZ, VCC=3V, with software one-wait) : Mask ROM, flash memory 5V version

• Supply voltage .....................................4.2V to 5.5V (f(XIN)=16MHZ, without software wait) : Mask ROM, flash memory 5V version

2.7V to 5.5V (f(XIN)=10MHZ with software one-wait) : Mask ROM, flash memory 5V version

• Low power consumption ......................25.5mW ( f(XIN)=10MHZ, with software one-wait, VCC = 3V)

• Interrupts..............................................25 internal and 5 external interrupt sources, 4 software

interrupt sources; 7 levels (including key input interrupt)

• Multifunction 16-bit timer......................5 output timers + 6 input timers (3 for timer function only)

• Serial I/O ..............................................5 channels (2 for UART or clock synchronous, 1 for UART, 2 for clock synchronous)

• DMAC ..................................................2 channels (trigger: 24 sources)

• A-D converter.......................................10 bits X 8 channels (Expandable up to 10 channels)

• D-A converter.......................................8 bits X 2 channels

• CRC calculation circuit.........................1 circuit

• Watchdog timer....................................1 line

• Programmable I/O ...............................70 lines

• Input port..............................................1 line (P85 shared with NMI pin)

• Clock generating circuit .......................2 built-in clock generation circuits

(built-in feedback resistor, and external ceramic or quartz oscillator)

Note: Memory expansion mode and microprocessor mode are not supported.



Applications

Audio, cameras, office equipment, communications equipment, portable equipment




Similar Part No. - M16623F4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
M166 SIEMENS-M166 Datasheet
373Kb / 127P
C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Sanken electric
M1661P SANKEN-M1661P Datasheet
31Kb / 1P
TO-3P 16A Triac
M1661S SANKEN-M1661S Datasheet
45Kb / 2P
TO-220F 16A Triac
logo
MTRONPTI
M166FAN MTRONPTI-M166FAN Datasheet
274Kb / 2P
5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M166FCN MTRONPTI-M166FCN Datasheet
274Kb / 2P
5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results


Similar Description - M16623F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735M4LXXXHP RENESAS-M37735M4LXXXHP Datasheet
456Kb / 32P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com