Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4250 Datasheet (PDF) - Renesas Technology Corp

4250 Datasheet PDF - Renesas Technology Corp
Part # 4250
Download  4250 Download
File Size   704.28 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER

4250 Datasheet (PDF)

Go To PDF Page Download Datasheet
4250 Datasheet PDF - Renesas Technology Corp

Part # 4250
Download  4250 Click to download

File Size   704.28 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER

4250 Datasheet (HTML) - Renesas Technology Corp


4250 Product details

DESCRIPTION
The 4250 Group is a 4-bit single-chip microcomputer designed with CMOS technology. Its CPU is that of the 720 series using a simple instruction set. The computer is equipped with one 8-bit timer which has a reload register and the interrupt function. The various microcomputers in the 4250 Group include variations of the built-in memory type as shown in the table below.

FEATURES
• Minimum instruction execution time ............................. 1.0 µs
   (at 4.0 MHz system clock frequency, VDD=4.5 V to 5.5 V)
• Supply voltage
   4.5 V to 5.5 V (at 4.0 MHz system clock frequency)
   2.5 V to 5.5 V (at 1.0 MHz system clock frequency)
   2.2 V to 5.5 V (at 1.0 MHz system clock frequency:
   only for Mask ROM version)
• Timer
   Timer 1 ................................ 8-bit timer with a reload register
• Interrupt ................................................................... 2 sources
• CR oscillation circuit (Capacitor and Resistor connected externally)
• Logic operation instruction
• RAM back-up function
• Key-on wakeup function (ports G and S, INT pin)

APPLICATION
   Electric household appliances, consumer electronics products (mouse, etc.)




Similar Part No. - 4250

ManufacturerPart #DatasheetDescription
logo
Energizer
4250 ENERGIZER-4250 Datasheet
106Kb / 1P
Industrial Rubber Light
logo
Schurter Inc.
4250 SCHURTER-4250 Datasheet
266Kb / 2P
Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
logo
Heyco.
4250 HEYCO-4250 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Adafruit Industries
4250 ADAFRUIT-4250 Datasheet
1Mb / 2P
Standard Servo Arm and Horn Set - 25 Spline
6-13-19
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
More results


Similar Description - 4250

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com