Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4280 Datasheet (PDF) - Renesas Technology Corp

4280 Datasheet PDF - Renesas Technology Corp
Part # 4280
Download  4280 Download
File Size   627.54 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS

4280 Datasheet (PDF)

Go To PDF Page Download Datasheet
4280 Datasheet PDF - Renesas Technology Corp

Part # 4280
Download  4280 Click to download

File Size   627.54 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS

4280 Datasheet (HTML) - Renesas Technology Corp


4280 Product details

DESCRIPTION
The 4280 Group is a 4-bit single-chip microcomputer designed with CMOS technology for remote control transmitters. The 4280 Group has 7 carrier waves and enables fabrication of 8 × 7 key matrix.

FEATURES
• Number of basic instructions ............................................. 62
• Minimum instruction execution time ............................ 8.0 µs
   (at f(XIN) = 4.0 MHz, system clock = f(XIN)/8, VDD=3.0 V)
• Supply voltage ................................................. 1.8 V to 3.6 V
• Subroutine nesting ..................................................... 4 levels
• Timer
   Timer 1 ................................................................... 8-bit timer
   with a reload register and carrier wave output auto-control
   function
• Carrier wave output function (port CARR)
   f(XIN), f(XIN)/4, f(XIN)/8, f(XIN)/12
   f(XIN)/64, f(XIN)/96, “H” output fixed
• Logic operation function (XOR, OR, AND)
• RAM back-up function
• Key-on wakeup function (ports D7, E0–E2, G0–G3) ............. 8
• I/O port (ports D, E, G, CARR) .......................................... 16
• Oscillation circuit ..................................... Ceramic resonance
• Watchdog timer
• Power-on reset circuit
• Voltage drop detection circuit ......................... Typical:1.50 V

APPLICATION
   Various remote control transmitters




Similar Part No. - 4280

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4280 POMONA-4280 Datasheet
48Kb / 1P
Bantam Miniature Phone Plug
logo
LEMO Connectors
4280 LEMO-4280 Datasheet
99Kb / 4P
B - Indoor keyed
4280 LEMO-4280 Datasheet
131Kb / 4P
B - Indoor keyed
4280 LEMO-4280 Datasheet
141Kb / 5P
B - Indoor keyed
4280 LEMO-4280 Datasheet
142Kb / 5P
B - Indoor keyed
More results


Similar Description - 4280

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M34551M4 MITSUBISHI-M34551M4 Datasheet
698Kb / 68P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
Infrared Remote Control Transmitters
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com