Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570 Datasheet (PDF) - Renesas Technology Corp

4570 Datasheet PDF - Renesas Technology Corp
Part # 4570
Download  4570 Download
File Size   773.39 Kbytes
Page   69 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER

4570 Datasheet (PDF)

Go To PDF Page Download Datasheet
4570 Datasheet PDF - Renesas Technology Corp

Part # 4570
Download  4570 Click to download

File Size   773.39 Kbytes
Page   69 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER

4570 Datasheet (HTML) - Renesas Technology Corp


4570 Product details

DESCRIPTION
The 4570 Group is a 4-bit single-chip microcomputer designed with CMOS technology. Its CPU is that of the 4500 series using a simple, high-speed instruction set. The computer is equipped with a carrier wave output circuit for remote control, an 8-bit timer with a reload register, a 10-bit timer with a reload register, and an 8-bit timer with two reload registers.
The various microcomputers in the 4570 Group include variations of the built-in memory size. The mask ROM version and One Time PROM version of 4570 Group are produced as shown in the table below.

FEATURES
● Minimum instruction execution time
   When f(XIN) is selected for system clock .......................1.5µs
   (f(XIN)=2.0 MHz, VDD=4.5 V to 5.5 V)
   When f(XIN)/4 is selected for system clock ................. 2.86µs
   (f(XIN)=4.2 MHz, VDD=2.0 V to 5.5 V)
● Supply voltage
   ............................. 2.5 V to 5.5 V (One Time PROM version)
   ....................................... 2.0 V to 5.5 V (Mask ROM version)
● System clock switch function
   ............................................................. f(XIN)/4 or not divided
● Timers
   Timer 1... 10-bit timer with a reload register and carrier wave
                    output auto-control function
   Timer 2 ................................ 8-bit timer with a reload register
   Timer 3... 8-bit timer with two reload registers and carrier wave
                   generation function
● Interrupt ................................................................... 4 sources
● Power-on reset circuit
● Watchdog timer ............................................................ 16 bits
● Key-on wakeup function (Ports P0, P1, and P4, ON/OFF of
   port P4 can be switched)
● Pull-up transistor .............. (Ports P0, P1, and P4, ON/OFF of
   port P4 can be switched)
● Voltage drop detection circuit
● Clock generating circuit (ceramic resonance)

APPLICATION
   Remote control transmitter




Similar Part No. - 4570

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4570 3M-4570 Datasheet
667Kb / 4P
3M??Protective Coverall 4570
2015
logo
Heyco.
4570 HEYCO-4570 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4570 RAF-4570 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4570-256-AL RAF-4570-256-AL Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4570-256-AL-7 RAF-4570-256-AL-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
More results


Similar Description - 4570

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com