Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC151 Datasheet (PDF) - Renesas Technology Corp

HD74HC151 Datasheet PDF - Renesas Technology Corp
Part # HD74HC151
Download  HD74HC151 Download
File Size   96.51 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-of-8-line Data Selector/Multiplexer

HD74HC151 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC151 Datasheet PDF - Renesas Technology Corp

Part # HD74HC151
Download  HD74HC151 Click to download

File Size   96.51 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-of-8-line Data Selector/Multiplexer

HD74HC151 Datasheet (HTML) - Renesas Technology Corp


HD74HC151 Product details

Description
HD74HC151 selects one of the 8 data sources, depending on the address presented on the A, B and C inputs. It features both true (Y) and complement (W) outputs. The strobe input must be at a low logic level to enable this multiplexer. A high logic level at the strobe forces the W output high and the Y output low.

Features
• High Speed Operation: tpd (Any D to Y or W) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC151

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
1 of-8-line Data Selector/Multiplexer
More results


Similar Description - HD74HC151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
1-of-8 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
1 of-8-line Data Selector/Multiplexer
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
1-of-8-line Data Selector/Multiplexer
logo
Texas Instruments
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
1-of-8-line Data Selector/Multiplexer
logo
Texas Instruments
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
9312 TI1-9312_11 Datasheet
360Kb / 8P
DM9312 1-of-8 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
1 of 8 Line Data Selector/Multiplexer
August 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com