Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC152 Datasheet (PDF) - Hitachi Semiconductor

HD74HC152 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC152
Download  HD74HC152 Download
File Size   48.45 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 1-of-8-line Data Selector/Multiplexer

HD74HC152 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC152 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC152
Download  HD74HC152 Click to download

File Size   48.45 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 1-of-8-line Data Selector/Multiplexer

HD74HC152 Datasheet (HTML) - Hitachi Semiconductor


HD74HC152 Product details

Description
This data selector/multiplexer contains full-on-chip binary decoding to select the desired data source. The HD74HC152 selects one-of-eight data sources.

Features
• High Speed Operation: tpd (Any D to W) = 17 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC152

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
1-of-8-line Data Selector/Multiplexer
HD74HC152P RENESAS-HD74HC152P Datasheet
174Kb / 6P
1-of-8-line Data Selector/Multiplexer
HD74HC152RPEL RENESAS-HD74HC152RPEL Datasheet
174Kb / 6P
1-of-8-line Data Selector/Multiplexer
More results


Similar Description - HD74HC152

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
1-of-8 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
1 of-8-line Data Selector/Multiplexer
logo
Texas Instruments
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
1-of-8-line Data Selector/Multiplexer
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
1-of-8-line Data Selector/Multiplexer
logo
Texas Instruments
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
9312 TI1-9312_11 Datasheet
360Kb / 8P
DM9312 1-of-8 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
1 of 8 Line Data Selector/Multiplexer
August 1995
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com