Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37735S4LHP Datasheet (PDF) - Renesas Technology Corp

M37735S4LHP Datasheet PDF - Renesas Technology Corp
Part # M37735S4LHP
Download  M37735S4LHP Download
File Size   825.58 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT CMOS MICROCOMPUTER

M37735S4LHP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37735S4LHP Datasheet PDF - Renesas Technology Corp

Part # M37735S4LHP
Download  M37735S4LHP Click to download

File Size   825.58 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT CMOS MICROCOMPUTER

M37735S4LHP Datasheet (HTML) - Renesas Technology Corp


M37735S4LHP Product details

DESCRIPTION
The M37735S4LHP is a microcomputer using the 7700 Family core. This microcomputer has a CPU and a bus interface unit. The CPU is a 16-bit parallel processor that can be an 8-bit parallel processor, and the bus interface unit enhances the memory access efficiency to execute instructions fast. This microcomputer also includes a 32 kHz oscillation circuit, in addition to the RAM, multiple-function timers, serial I/O, A-D converter, and so on.
Its strong points are the low power dissipation, the low supply voltage, and the small package.

FEATURES
● Number of basic instructions .................................................. 103
● Memory size RAM ................................................ 2048 bytes
● Instruction execution time
   The fastest instruction at 12 MHz frequency .......................333 ns
● Single power supply ..................................................... 2.7 – 5.5 V
● Low power dissipation (At 3 V supply voltage, 12 MHz frequency)
   ............................................ 10.8 mW (Typ.)
● Interrupts ............................................................ 19 types, 7 levels
● Multiple-function 16-bit timer ................................................. 5 + 3
● Serial I/O (UART or clock synchronous)..........................................3
● 10-bit A-D converter ..............................................8-channel inputs
● 12-bit watchdog timer
● Programmable input/output
   (ports P4, P5, P6, P7, P8) ..............................................................37
● Clock generating circuit ........................................ 2 circuits built-in
● Small package.......................80-pin plastic molded fine-pitch QFP
                                                  (80P6D-A; 0.5 mm lead pitch)




Similar Part No. - M37735S4LHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37735S4LHP MITSUBISHI-M37735S4LHP Datasheet
909Kb / 36P
16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37735S4LHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
16-BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
16-BIT CMOS MICROCOMPUTER
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
16 BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
16-BIT CMOS MICROCOMPUTER
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com