Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC14 Datasheet (PDF) - Renesas Technology Corp

HD74AC14 Datasheet PDF - Renesas Technology Corp
Part # HD74AC14
Download  HD74AC14 Download
File Size   115.42 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverter Schmitt Trigger

HD74AC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74AC14 Datasheet PDF - Renesas Technology Corp

Part # HD74AC14
Download  HD74AC14 Click to download

File Size   115.42 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverter Schmitt Trigger

HD74AC14 Datasheet (HTML) - Renesas Technology Corp


HD74AC14 Product details

Description

The HD74AC14 contains six logic inverters which accept standard CMOS input signals and provide standard CMOS output levels. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. In addition, they have a greater noise margin than conventional inverters.

The HD74AC14 has hysteresis between the positive-going and negative-going input thresholds (typically 1.0 V) which is determined internally by transistor ratios and is essentially insensitive to temperature and supply voltage variations.



Features

•  Outputs Source/Sink 24 mA




Similar Part No. - HD74AC14

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Renesas Technology Corp
HD74AC14FPEL RENESAS-HD74AC14FPEL Datasheet
141Kb / 9P
Hex Inverter Schmitt Trigger
HD74AC14P RENESAS-HD74AC14P Datasheet
141Kb / 9P
Hex Inverter Schmitt Trigger
HD74AC14RPEL RENESAS-HD74AC14RPEL Datasheet
141Kb / 9P
Hex Inverter Schmitt Trigger
HD74AC14TELL RENESAS-HD74AC14TELL Datasheet
141Kb / 9P
Hex Inverter Schmitt Trigger
More results


Similar Description - HD74AC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com