Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC14 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74AC14
Description  Hex Inverter Schmitt Trigger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC14 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74AC14 Datasheet HTML 1Page - Renesas Technology Corp HD74AC14 Datasheet HTML 2Page - Renesas Technology Corp HD74AC14 Datasheet HTML 3Page - Renesas Technology Corp HD74AC14 Datasheet HTML 4Page - Renesas Technology Corp HD74AC14 Datasheet HTML 5Page - Renesas Technology Corp HD74AC14 Datasheet HTML 6Page - Renesas Technology Corp HD74AC14 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74AC14
REJ03D0250-0300 Rev.3.00 Aug 31, 2007
Page 2 of 6
Function Table
Input A
Output O
L
H
H
L
H : High level
L : Low level
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
VCC
–0.5 to 7
V
–20
mA
VI = –0.5V
DC input diode current
IIK
20
mA
VI = Vcc+0.5V
DC input voltage
VI
–0.5 to Vcc+0.5
V
–50
mA
VO = –0.5V
DC output diode current
IOK
50
mA
VO = Vcc+0.5V
DC output voltage
VO
–0.5 to Vcc+0.5
V
DC output source or sink current
IO
±50
mA
DC VCC or ground current per output pin
ICC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C
Note : The absolute maximum ratings are values which must not individually be exceeded, and furthermore no two of
which may be realized at the same time.
1. The maximum package power dissipation was calculated using a junction temperature of 150
°C
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Condition
Supply voltage
VCC
2 to 6
V
Input and output voltage
VI, VO
0 to VCC
V
Operating temperature
Ta
–40 to +85
°C
VCC = 3.0V
VCC = 4.5 V
Input rise and fall time
(except Schmitt inputs)
VIN 30% to 70% VCC
tr, tf
8
ns/V
VCC = 5.5 V
Note : Unused or floating inputs must be held high or low.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com