Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC131 Datasheet (PDF) - Renesas Technology Corp

HD74HC131 Datasheet PDF - Renesas Technology Corp
Part # HD74HC131
Download  HD74HC131 Download
File Size   114.89 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers

HD74HC131 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC131 Datasheet PDF - Renesas Technology Corp

Part # HD74HC131
Download  HD74HC131 Click to download

File Size   114.89 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers

HD74HC131 Datasheet (HTML) - Renesas Technology Corp


HD74HC131 Product details

Description
The HD74HC131 is 3-to-8 linedecoder. It has Address select inputs (A, B, C) and D type register.
Address select data store to D type registers, during the positive going transition of the clock pulse.
Output control (G1, G2) are independent of select input and CLK input, and when G1 is low or G2 = High, all outputs is high.

Features
• High Speed Operation: tpd (CLK to Y) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 V to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC131 HITACHI-HD74HC131 Datasheet
58Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
More results


Similar Description - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC131 HITACHI-HD74HC131 Datasheet
58Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
Renesas Technology Corp
HD74HCT237 RENESAS-HD74HCT237 Datasheet
195Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Texas Instruments
SN74AS131A TI1-SN74AS131A Datasheet
109Kb / 6P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS REGISTERS
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com