Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC132 Datasheet (PDF) - Renesas Technology Corp

HD74HC132 Datasheet PDF - Renesas Technology Corp
Part # HD74HC132
Download  HD74HC132 Download
File Size   86.65 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NAND Schmitt Triggers

HD74HC132 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC132 Datasheet PDF - Renesas Technology Corp

Part # HD74HC132
Download  HD74HC132 Click to download

File Size   86.65 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input NAND Schmitt Triggers

HD74HC132 Datasheet (HTML) - Renesas Technology Corp


HD74HC132 Product details

Features

• High Speed Operation: tpd = 9.5 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC132

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
Quad. 2-input NAND Schmitt Triggers
More results


Similar Description - HD74HC132

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
Quad 2-Input NAND Schmitt Triggers
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
Quad. 2-input NAND Schmitt-triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
Quad. 2-input NAND Schmitt-triggers
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com