Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4093BMS Datasheet (PDF) - Intersil Corporation

CD4093BMS Datasheet PDF - Intersil Corporation
Part # CD4093BMS
Download  CD4093BMS Download
File Size   77.94 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad 2-Input NAND Schmitt Triggers

CD4093BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4093BMS Datasheet PDF - Intersil Corporation

Part # CD4093BMS
Download  CD4093BMS Click to download

File Size   77.94 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad 2-Input NAND Schmitt Triggers

CD4093BMS Datasheet (HTML) - Intersil Corporation


CD4093BMS Product details

Description
CD4093BMS consists of four Schmitt trigger circuits. Each circuit functions as a two input NAND gate with Schmitt trigger action on both inputs. The gate switches at different points for positive and negative going signals. The difference between the positive voltage (VP) and the negative voltage (VN) is defined as hysteresis voltage (VH) (see Figure 1).
The CD4093BMS is supplied in these 14 lead outline packages:
  Braze Seal DIP H4H
  Frit Seal DIP H1B
  Ceramic Flatpack H3W

Features
• High Voltage Types (20V Rating)
• Schmitt Trigger Action on Each Input With No External Components
• Hysteresis Voltage Typically 0.9V at VDD = 5V and 2.3V at VDD = 10V
• Noise Immunity Greater than 50%
• No Limit on Input Rise and Fall Times
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range, 100nA at 18V and +25oC
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”

Applications
• Wave and Pulse Shapers
• High Noise Environment Systems
• Monostable Multivibrators
• Astable Multivibrators
• NAND Logic




Similar Part No. - CD4093BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4093BM NSC-CD4093BM Datasheet
157Kb / 6P
Quad 2-Input NAND Schmitt Trigger
logo
Texas Instruments
CD4093BM TI-CD4093BM Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093BM TI1-CD4093BM Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
CD4093BM TI2-CD4093BM Datasheet
1,023Kb / 21P
CMOS Quad 2-Input NAND Schmitt Triggers
Revised September 2003
CD4093BM.A TI2-CD4093BM.A Datasheet
1,023Kb / 21P
CMOS Quad 2-Input NAND Schmitt Triggers
Revised September 2003
More results


Similar Description - CD4093BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093B TI-CD4093B Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
Quad 2-Input NAND Schmitt Triggers
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
Quad. 2-input NAND Schmitt-triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
Quad. 2-input NAND Schmitt Triggers
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com