Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC157 Datasheet (PDF) - Renesas Technology Corp

HD74HC157 Datasheet PDF - Renesas Technology Corp
Part # HD74HC157
Download  HD74HC157 Download
File Size   73.73 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)

HD74HC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC157 Datasheet PDF - Renesas Technology Corp

Part # HD74HC157
Download  HD74HC157 Click to download

File Size   73.73 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)

HD74HC157 Datasheet (HTML) - Renesas Technology Corp


HD74HC157 Product details

Description
These devices each consist of four 2-input digital multiplexers with common select and strobe inputs. On the HD74HC157, when the strobe input is at logical “L” the four outputs assume the values as selected from the inputs. When the strobe input is at a logical “H” the outputs assume logical “L”. The HD74HC158 operates in the same manner, except that its outputs are inverted. Select decoding is done internally resulting in a single select input only. If enabled, the select input determines whether the A or B inputs get routed to their corresponding Y outputs.

Features
• High Speed Operation: tpd (Data to Output) = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC157

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC157 HITACHI-HD74HC157 Datasheet
57Kb / 10P
These devices each consist of four 2-input digital multiplexers with common select and strobe inputs
More results


Similar Description - HD74HC157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS157 FAIRCHILD-DM74LS157 Datasheet
79Kb / 7P
Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com