Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC257 Datasheet (PDF) - Renesas Technology Corp

HD74HC257 Datasheet PDF - Renesas Technology Corp
Part # HD74HC257
Download  HD74HC257 Download
File Size   106.15 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)

HD74HC257 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC257 Datasheet PDF - Renesas Technology Corp

Part # HD74HC257
Download  HD74HC257 Click to download

File Size   106.15 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)

HD74HC257 Datasheet (HTML) - Renesas Technology Corp


HD74HC257 Product details

Description
The large output drive capability coupled with the 3-state feature make this device ideal for interfacing with bus lines in a bus organized system. When the output control input line is taken high, the outputs of all four multiplexers are sent into a high impedance state. When the output control line is low, the select input chooses whether the A or B input is used.

Features
• High Speed Operation: tpd (Data to Y) = 10.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC257

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
More results


Similar Description - HD74HC257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com