Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC160 Datasheet (PDF) - Renesas Technology Corp

HD74HC160 Datasheet PDF - Renesas Technology Corp
Part # HD74HC160
Download  HD74HC160 Download
File Size   159.14 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Decade Counter (Direct Clear)

HD74HC160 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC160 Datasheet PDF - Renesas Technology Corp

Part # HD74HC160
Download  HD74HC160 Click to download

File Size   159.14 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Decade Counter (Direct Clear)

HD74HC160 Datasheet (HTML) - Renesas Technology Corp


HD74HC160 Product details

Description

The HD74HC160 and the HD74HC162 are 4 bit decade counters, and the HD74HC161 and the HD74HC163 are 4 bit binary counters All flip-flops are clocked simultaneously on the low to high to transition (positive edge) of the clock input waveform.

These counters may be preset using the load input. Presetting ofall four flip-flops is synchronous to the rising edge of clock. When load is held low counting is disabled and the data on the A, B, C, and D inputs is loaded into the counter on the rising edge of clock. If the load input is taken high before the positive edge of clock the count operation will be unaffected.



Features

•  High Speed Operation: tpd(Clock to Q) = 18 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC160

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
More results


Similar Description - HD74HC160

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LS160A HITACHI-HD74LS160A Datasheet
107Kb / 7P
Synchronous Decade Counters(direct clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
Synchronous 4-bit Binary Counter (Direct Clear)
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
Synchronous Decade Counter (direct clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
Synchronous 4-bit Binary Counter (direct clear)
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
Synchronous Decade Counter (synchronous clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
Synchronous 4-bit Binary Counter (Direct Clear)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com