Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC175 Datasheet (PDF) - Renesas Technology Corp

HD74HC175 Datasheet PDF - Renesas Technology Corp
Part # HD74HC175
Download  HD74HC175 Download
File Size   101.15 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. D-type Flip-Flops (with Clear)

HD74HC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC175 Datasheet PDF - Renesas Technology Corp

Part # HD74HC175
Download  HD74HC175 Click to download

File Size   101.15 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. D-type Flip-Flops (with Clear)

HD74HC175 Datasheet (HTML) - Renesas Technology Corp


HD74HC175 Product details

Description

Information at the D inputs of the HD74HC175 is transferred to the Q and Qoutputs on the positive going edge of the clock pulse. Both true and compliment outputs from each flip-flop are externally available. All four flip-flops are controlled by a common clock and a common clear. Clearing isaccomplished by a negative pulse at the clear input. All four Q outputs are cleared to a logic low level and all four Qoutputs to a logic high level.



Features

•  High Speed Operation: tpd(Clock to Q) = 14 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC175

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
Quad. D-typ Flip-Flops (with Clear)
logo
Renesas Technology Corp
HD74HC175P RENESAS-HD74HC175P Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
HD74HC175TELL RENESAS-HD74HC175TELL Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
More results


Similar Description - HD74HC175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
Hex/Quad D Flip-Flops with Clear
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
Quad. D-typ Flip-Flops (with Clear)
HD74LV175A HITACHI-HD74LV175A Datasheet
66Kb / 15P
Quad. D-type Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
Hex/Quad D Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
Hex/Quad D-Type Flip-Flops with Clear
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com