Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC175 Datasheet (PDF) - Hitachi Semiconductor

HD74HC175 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC175
Download  HD74HC175 Download
File Size   59.5 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. D-typ Flip-Flops (with Clear)

HD74HC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC175 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC175
Download  HD74HC175 Click to download

File Size   59.5 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. D-typ Flip-Flops (with Clear)

HD74HC175 Datasheet (HTML) - Hitachi Semiconductor


HD74HC175 Product details

Description
Information at the D inputs of the HD74HC175 is transferred to the Q and Q outputs on the positive going edge of the clock pulse. Both true and compliment outputs from each flip-flop are externally available. All four flip flops are controlled by a common clock and a common clear. Clearing is accomplished by a negative pulse at the clear input. All four Q outputs are cleared to a logic low level and all four Q outputs to a logic high level.

Features
• High Speed Operation: tpd (Clock to Q) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC175

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175 Datasheet
101Kb / 7P
Quad. D-type Flip-Flops (with Clear)
HD74HC175P RENESAS-HD74HC175P Datasheet
101Kb / 7P
Quad. D-type Flip-Flops (with Clear)
HD74HC175P RENESAS-HD74HC175P Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
HD74HC175TELL RENESAS-HD74HC175TELL Datasheet
101Kb / 7P
Quad. D-type Flip-Flops (with Clear)
HD74HC175TELL RENESAS-HD74HC175TELL Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
More results


Similar Description - HD74HC175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
Hex/Quad D Flip-Flops with Clear
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74LV175A HITACHI-HD74LV175A Datasheet
66Kb / 15P
Quad. D-type Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175 Datasheet
101Kb / 7P
Quad. D-type Flip-Flops (with Clear)
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
Hex/Quad D-Type Flip-Flops with Clear
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
Quad. D-type Flip-Flops (with Clear)
logo
Aeroflex Circuit Techno...
UT54ACS273E AEROFLEX-UT54ACS273E Datasheet
124Kb / 10P
Octal D-Flip-Flops with Clear
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com