Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5672 Datasheet (PDF) - Mospec Semiconductor

2N5672 Datasheet PDF - Mospec Semiconductor
Part # 2N5672
Download  2N5672 Download
File Size   125.56 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(30A,140W)

2N5672 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5672 Datasheet PDF - Mospec Semiconductor

Part # 2N5672
Download  2N5672 Click to download

File Size   125.56 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(30A,140W)

2N5672 Datasheet (HTML) - Mospec Semiconductor


2N5672 Product details

30 AMPLERE SILICON POWER TRANSISTORS 90-120 VOLTS 140 WATTS




Similar Part No. - 2N5672

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N5672 SAVANTIC-2N5672 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
2N5672 COMSET-2N5672 Datasheet
323Kb / 3P
HIGH CURRENT FAST SWITCHING APPLICATIONS
logo
Seme LAB
2N5672 SEME-LAB-2N5672 Datasheet
93Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2N5672 ISC-2N5672 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5672 NJSEMI-2N5672 Datasheet
83Kb / 1P
SI NPN POWER BJT
More results


Similar Description - 2N5672

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
BU126 MOSPEC-BU126 Datasheet
115Kb / 3P
POWER TRANSISTORS(3A,300V,30A)
MJ11011 MOSPEC-MJ11011 Datasheet
140Kb / 3P
POWER TRANSISTORS(30A,60-120V,200W)
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
logo
DB Lectro Inc
RNP100S DBLECTRO-RNP100S Datasheet
185Kb / 2P
TO247 140W HIGH POWER RESISTORS
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
140W Medical Approvals
logo
Ningbo Leison Motor Co....
LS-6IK140-6GU NINGBO-LS-6IK140-6GU Datasheet
937Kb / 1P
Induction Motor 140W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com