Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11011 Datasheet (PDF) - Mospec Semiconductor

MJ11011 Datasheet PDF - Mospec Semiconductor
Part # MJ11011
Download  MJ11011 Download
File Size   140.07 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(30A,60-120V,200W)

MJ11011 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11011 Datasheet PDF - Mospec Semiconductor

Part # MJ11011
Download  MJ11011 Click to download

File Size   140.07 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(30A,60-120V,200W)

MJ11011 Datasheet (HTML) - Mospec Semiconductor


MJ11011 Product details

COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS

. . .designed  for use as output devices in complementary general purpose amplifier applications.

• High Gain Darlington Performance
• High DC Current Gain hFE= 1000 (Min) @ IC = 20 A
• Monolithic Construction with Built−in Base Emitter Shunt Resistor




Similar Part No. - MJ11011

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJ11011 WINGS-MJ11011 Datasheet
21Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11011 CENTRAL-MJ11011 Datasheet
54Kb / 1P
Power Transistors
logo
Inchange Semiconductor ...
MJ11011 ISC-MJ11011 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ11011 NJSEMI-MJ11011 Datasheet
96Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Solid State Inc
MJ11011 SOLIDSTATE-MJ11011 Datasheet
255Kb / 3P
COMPLEMENTARY SILICON POWER COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ11011

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
2N5883 MOSPEC-2N5883 Datasheet
183Kb / 4P
POWER TRANSISTORS(25A,200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
POWER TRANSISTORS(25A,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,180V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SD1313 MOSPEC-2SD1313 Datasheet
121Kb / 3P
POWER TRANSISTORS(25A,350V,200W)
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com