Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11011 Datasheet (PDF) - Inchange Semiconductor Company Limited

MJ11011 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJ11011
Download  MJ11011 Download
File Size   53.51 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

MJ11011 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11011 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJ11011
Download  MJ11011 Click to download

File Size   53.51 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

MJ11011 Datasheet (HTML) - Inchange Semiconductor Company Limited


MJ11011 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min.)
• High DC Current Gain- : hFE= 1000(Min.)@IC= -20A
• Low Collector Saturation Voltage- : VCE (sat)= -3.0V(Max.)@ IC= -20A
• Complement to Type MJ11012

APPLICATIONS
• Designed for use as output devices in complementary general purpose amplifier applications.




Similar Part No. - MJ11011

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11011 MOSPEC-MJ11011 Datasheet
140Kb / 3P
POWER TRANSISTORS(30A,60-120V,200W)
logo
Wing Shing Computer Com...
MJ11011 WINGS-MJ11011 Datasheet
21Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11011 CENTRAL-MJ11011 Datasheet
54Kb / 1P
Power Transistors
logo
New Jersey Semi-Conduct...
MJ11011 NJSEMI-MJ11011 Datasheet
96Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Solid State Inc
MJ11011 SOLIDSTATE-MJ11011 Datasheet
255Kb / 3P
COMPLEMENTARY SILICON POWER COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ11011

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com