Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HCT1G02 Datasheet (PDF) - Renesas Technology Corp

HD74HCT1G02 Datasheet PDF - Renesas Technology Corp
Part # HD74HCT1G02
Download  HD74HCT1G02 Download
File Size   53.14 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-input NOR Gate

HD74HCT1G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT1G02 Datasheet PDF - Renesas Technology Corp

Part # HD74HCT1G02
Download  HD74HCT1G02 Click to download

File Size   53.14 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-input NOR Gate

HD74HCT1G02 Datasheet (HTML) - Renesas Technology Corp


HD74HCT1G02 Product details

Description

The HD74HCT1G02 is high–speed CMOS two input NOR gate using silicon gate CMOS process. With CMOS low power dissipation, it provides high-speed equivalent to LS–TTL series. The internal circuit of three stages construction with buffer provides wide noise margin and stable output.



Features

• The basic gate function is lined up as Renesas uni logic series.

• Supplied on emboss taping for high-speed automatic mounting.

• TTL compatible input level.

  Supply voltage range : 4.5 to 5.5 V

  Operating temperature range : –40 to +85°C

• |IOH| = IOL = 2 mA (min)



 




Similar Part No. - HD74HCT1G02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
HD74HCT1G00CME RENESAS-HD74HCT1G00CME Datasheet
52Kb / 8P
2-input NAND Gate
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
High speed CMOS inverter using silicon gate CMOS process
logo
Renesas Technology Corp
HD74HCT1G04 RENESAS-HD74HCT1G04 Datasheet
54Kb / 8P
Inverter
HD74HCT1G04CME RENESAS-HD74HCT1G04CME Datasheet
54Kb / 8P
Inverter
More results


Similar Description - HD74HCT1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com