Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5684 Datasheet (PDF) - Mospec Semiconductor

2N5684 Datasheet PDF - Mospec Semiconductor
Part # 2N5684
Download  2N5684 Download
File Size   185.32 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(50A,300W)

2N5684 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5684 Datasheet PDF - Mospec Semiconductor

Part # 2N5684
Download  2N5684 Click to download

File Size   185.32 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(50A,300W)

2N5684 Datasheet (HTML) - Mospec Semiconductor


2N5684 Product details

HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS

. . . designed for use in high–power amplifier and switching circuit applications.

• Continuous Collector Current – IC =  50 A
• Power Dissipation – PD = 300 W @ TC = 25 °C
• DC Current Gain – hFE = 15–60 @ IC = 25 A




Similar Part No. - 2N5684

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5684 MICROSEMI-2N5684 Datasheet
65Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
133Kb / 8P
High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
logo
List of Unclassifed Man...
2N5684 ETC-2N5684 Datasheet
347Kb / 8P
Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
151Kb / 7P
High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - 2N5684

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
POWER TRANSISTORS(50A,400-500V,250W)
MJ11028 MOSPEC-MJ11028 Datasheet
154Kb / 3P
POWER TRANSISTOR(50A,60-120V,300W)
logo
Tumbler Technologies + ...
TMPC-300-P4 TRUMPOWER-TMPC-300-P4 Datasheet
70Kb / 1P
300W ATX PC Power Supply
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
300W DC/DC Power Modules
logo
Tumbler Technologies + ...
TMPC-300 TRUMPOWER-TMPC-300 Datasheet
35Kb / 1P
300W ATX PC Power Supply
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
300W300W Redundant Power Supply
EFRP-2300 ETC2-EFRP-2300 Datasheet
373Kb / 3P
2U 300W Server Power Supply
logo
Tumbler Technologies + ...
TIPC300-FXB TRUMPOWER-TIPC300-FXB Datasheet
176Kb / 1P
300W FlexATX IPC Power Supply
logo
Delta Electronics, Inc.
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
300W DC/DC Power Modules
logo
Good Will Instrument Co...
PEL-3000E GWINSTEK-PEL-3000E Datasheet
805Kb / 2P
300W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com