Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10015 Datasheet (PDF) - Mospec Semiconductor

MJ10015 Datasheet PDF - Mospec Semiconductor
Part # MJ10015
Download  MJ10015 Download
File Size   181.25 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(50A,400-500V,250W)

MJ10015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10015 Datasheet PDF - Mospec Semiconductor

Part # MJ10015
Download  MJ10015 Click to download

File Size   181.25 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(50A,400-500V,250W)

MJ10015 Datasheet (HTML) - Mospec Semiconductor


MJ10015 Product details

SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE

The MJ10015 and MJ10016 Darlington transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line–operated switchmode applications such as:

FEATURES
* Continuous Collector Current - IC = 50A
* Switching Regulators
* Inverters
* Solenoid and Relay Drivers
* Motor Controls




Similar Part No. - MJ10015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
logo
ON Semiconductor
MJ10015 ONSEMI-MJ10015 Datasheet
217Kb / 6P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995 REV 1
logo
New Jersey Semi-Conduct...
MJ10015 NJSEMI-MJ10015 Datasheet
71Kb / 1P
NPN SILICON POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ10015

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
POWER TRANSISTORS(50A,300W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
POWER TRANSISTORS(20A,400-500V,175W)
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
POWER TRANSISTORS(60A,200-250V,250W)
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
POWER TRANSISTORS(40A,350-400V,250W)
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
POWER TRANSISTORS(20A,750-850V,250W)
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
POWER TRANSISTORS(20A,140V,250W)
logo
Nihon Inter Electronics...
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
50A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
50A 450~500V
PDM505HA NIEC-PDM505HA_1 Datasheet
117Kb / 3P
50A 500V
PDM505HC NIEC-PDM505HC_1 Datasheet
104Kb / 3P
50A 500V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com