Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10008 Datasheet (PDF) - Mospec Semiconductor

MJ10008 Datasheet PDF - Mospec Semiconductor
Part # MJ10008
Download  MJ10008 Download
File Size   189.36 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(20A,400-500V,175W)

MJ10008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10008 Datasheet PDF - Mospec Semiconductor

Part # MJ10008
Download  MJ10008 Click to download

File Size   189.36 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(20A,400-500V,175W)

MJ10008 Datasheet (HTML) - Mospec Semiconductor


MJ10008 Product details

The MJ10008 and MJ10009 darlington transistors are designed for high-voltage, high-speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switch-mode applications such as:

FEATURES:
* Continuous Collector Current - lc = 20 A
* Switching Regulators
* Inverters
* Solenoid and Relay Driven
* Motor Controls




Similar Part No. - MJ10008

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
MJ10008 BOCA-MJ10008 Datasheet
196Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10008 NJSEMI-MJ10008 Datasheet
101Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
American Microsemicondu...
MJ10008 AMMSEMI-MJ10008 Datasheet
769Kb / 2P
NPN Silicon Power Darlington Transistor
More results


Similar Description - MJ10008

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
POWER TRANSISTORS(15A,400-450V,175W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
POWER TRANSISTORS(10A,400V,175W)
MJ10013 MOSPEC-MJ10013 Datasheet
195Kb / 4P
POWER TRANSISTORS(10A,550-600V,175W)
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
POWER TRANSISTORS(50A,400-500V,250W)
MJ11017 MOSPEC-MJ11017 Datasheet
206Kb / 4P
POWER TRANSISTORS(15A,150-250V,175W)
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
20A, 500V N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com