Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10013 Datasheet (PDF) - Mospec Semiconductor

MJ10013 Datasheet PDF - Mospec Semiconductor
Part # MJ10013
Download  MJ10013 Download
File Size   195.67 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,550-600V,175W)

MJ10013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10013 Datasheet PDF - Mospec Semiconductor

Part # MJ10013
Download  MJ10013 Click to download

File Size   195.67 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,550-600V,175W)

MJ10013 Datasheet (HTML) - Mospec Semiconductor


MJ10013 Product details

10 AMPERE POWER DARLINGTON TRANSISTORS 550-600 VOLTS 175 WATTS




Similar Part No. - MJ10013

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJ10013 NJSEMI-MJ10013 Datasheet
135Kb / 2P
10 AMPERE POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ10013

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
POWER TRANSISTORS(15A,400-450V,175W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
POWER TRANSISTORS(20A,400-500V,175W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
POWER TRANSISTORS(10A,400V,175W)
MJ11017 MOSPEC-MJ11017 Datasheet
206Kb / 4P
POWER TRANSISTORS(15A,150-250V,175W)
logo
Rohm
R6010MND3 ROHM-R6010MND3 Datasheet
2Mb / 14P
Nch 600V 10A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com