Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM505HA Datasheet (PDF) - Nihon Inter Electronics Corporation

PDM505HA Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDM505HA_1
Download  PDM505HA Download
File Size   117.2 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 50A 500V

PDM505HA Datasheet (PDF)

Go To PDF Page Download Datasheet
PDM505HA Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDM505HA_1
Download  PDM505HA Click to download

File Size   117.2 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 50A 500V

PDM505HA Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDM505HA_1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PDM505HA NI-PDM505HA_15 Datasheet
117Kb / 3P
MOSFET
More results


Similar Description - PDM505HA_1

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
POWER TRANSISTORS(50A,400-500V,250W)
logo
Nihon Inter Electronics...
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
FRD MODULE 50A/500V/trr:90nsec
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
MOSFET MODULE Dual 50A 450V/500V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
MOSFET MODULE Dual 50A/500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
50A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
50A 450~500V
PDM505HC NIEC-PDM505HC_1 Datasheet
104Kb / 3P
50A 500V
logo
Renesas Technology Corp
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com