Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10024 Datasheet (PDF) - Mospec Semiconductor

MJ10024 Datasheet PDF - Mospec Semiconductor
Part # MJ10024
Download  MJ10024 Download
File Size   205.65 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(20A,750-850V,250W)

MJ10024 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10024 Datasheet PDF - Mospec Semiconductor

Part # MJ10024
Download  MJ10024 Click to download

File Size   205.65 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(20A,750-850V,250W)

MJ10024 Datasheet (HTML) - Mospec Semiconductor


MJ10024 Product details

SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE

The MJ10024 and MJ10025 dartington transistors are designed for high-voltage, high-speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line oper -ated switchmode applications such as:

FEATURES:
* Continuous Collector Current - IC = 20 A
* Switching Regulators
* Inverters
* Solenoid and Relay Drivers
* AC and DC Motor Controls




Similar Part No. - MJ10024

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJ10024 NJSEMI-MJ10024 Datasheet
122Kb / 3P
NPN SILICON POWER DARLINGTON TRANSISTOR
More results


Similar Description - MJ10024

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
2N6282 MOSPEC-2N6282 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
POWER TRANSISTORS(50A,400-500V,250W)
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
POWER TRANSISTORS(60A,200-250V,250W)
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
POWER TRANSISTORS(40A,350-400V,250W)
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
POWER TRANSISTORS(20A,140V,250W)
logo
Nell Semiconductor Co.,...
MJ15003 NELLSEMI-MJ15003 Datasheet
208Kb / 4P
Complementary Silicon power transistors (20A / 140V / 250W)
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
250W250W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
250W Output Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com