Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC354 Datasheet (PDF) - Renesas Technology Corp

HD74HC354 Datasheet PDF - Renesas Technology Corp
Part # HD74HC354
Download  HD74HC354 Download
File Size   122.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)

HD74HC354 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC354 Datasheet PDF - Renesas Technology Corp

Part # HD74HC354
Download  HD74HC354 Click to download

File Size   122.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)

HD74HC354 Datasheet (HTML) - Renesas Technology Corp


HD74HC354 Product details

Description

This data selectors/multiplexers contains full on-chip binary decoding to select one of eight data sources. The data

select address is stored in transparent latches that are enabled by a low level address on pin 11, Select Control. Data on the 8 input lines is stored in a parallel input/output register which in the HD74HC354 iscomposed of 8 transparent latches enabled by a low level on pin 9, Data Control. Both true (Y) and complementary (W) 3-state outputs are available.



Features

•  High Speed Operation: tpd(DCto W, Y) = 23 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 15 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC354

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
More results


Similar Description - HD74HC354

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
HD74HC356 HITACHI-HD74HC356 Datasheet
65Kb / 10P
8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74ACT11258 TI1-74ACT11258 Datasheet
89Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com