Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC356 Datasheet (PDF) - Hitachi Semiconductor

HD74HC356 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC356
Download  HD74HC356 Download
File Size   65.14 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)

HD74HC356 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC356 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC356
Download  HD74HC356 Click to download

File Size   65.14 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)

HD74HC356 Datasheet (HTML) - Hitachi Semiconductor


HD74HC356 Product details

Description
This data selectors/multiplexers contain full on-chip binary decoding to select one of eight data sources. The data select address is stored in transparent latches that are enabled by a low level address on pin 11, Select Control. Data on the 8 input lines is stored in a parallel input/output register which in the HD74HC356 is composed of 8 edge-triggered flip-flops, clocked by a low to high transition on pin 9, clock. Both true (Y) and complementary (W) 3-state outputs are available.

Features
• High Speed Operation: tpd (Clock to W, Y) = 27 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356FPEL RENESAS-HD74HC356FPEL Datasheet
201Kb / 9P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356RPEL RENESAS-HD74HC356RPEL Datasheet
201Kb / 9P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
More results


Similar Description - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC354 TI-SN54HC354 Datasheet
143Kb / 7P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/TRANSPARENT REGISTERS WITH 3-STATE OUTPUTS
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC354 RENESAS-HD74HC354 Datasheet
122Kb / 10P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com