Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC390 Datasheet (PDF) - Renesas Technology Corp

HD74HC390 Datasheet PDF - Renesas Technology Corp
Part # HD74HC390
Download  HD74HC390 Download
File Size   93.31 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Decade Counters

HD74HC390 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC390 Datasheet PDF - Renesas Technology Corp

Part # HD74HC390
Download  HD74HC390 Click to download

File Size   93.31 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Decade Counters

HD74HC390 Datasheet (HTML) - Renesas Technology Corp


HD74HC390 Product details

Description
The HD74HC390 incorporate dual decade counters, each composed of a divide-by-two and a divide-by-five counter. The divide-by-two and divide-by-five counters can be cascaded to form dual decade, dual bi-quinary, or various combinations up to a single divide-by-100 counter.
The HD74HC390 is incremented on the high to low transition (negative edge) of the clock input, and each has an independent clear input. When clear is set high all four bits of each counter are set to a low level. This enables count truncation and allows the implementation of divide-by-N counter configurations.

Features
• High Speed Operation: tpd (Clock A to QA) = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC390

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC390 HITACHI-HD74HC390 Datasheet
51Kb / 9P
Dual Decade Counters
More results


Similar Description - HD74HC390

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC390 HITACHI-HD74HC390 Datasheet
51Kb / 9P
Dual Decade Counters
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
HD74LS390 HITACHI-HD74LS390 Datasheet
69Kb / 6P
Dual Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
List of Unclassifed Man...
TC372 ETC-TC372 Datasheet
800Kb / 3P
COUNTERS DECADE HEXADECIMAL
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
logo
Renesas Technology Corp
HD74LS390 RENESAS-HD74LS390 Datasheet
172Kb / 6P
Dual Decade Counters
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
DECADE COUNTERS/DIVIDERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com