Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC442 Datasheet (PDF) - Renesas Technology Corp

HD74HC442 Datasheet PDF - Renesas Technology Corp
Part # HD74HC442
Download  HD74HC442 Download
File Size   189.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)

HD74HC442 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC442 Datasheet PDF - Renesas Technology Corp

Part # HD74HC442
Download  HD74HC442 Click to download

File Size   189.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)

HD74HC442 Datasheet (HTML) - Renesas Technology Corp


HD74HC442 Product details

Description
These bus transceivers are designed for a synchronous three-way communication between four-line data buses. They give the designer a choice of selecting inverting, noninverting or a combination of inverting and noninverting data paths with 3-state outputs.

Features
• High Speed Operation
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC442

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC442 HITACHI-HD74HC442 Datasheet
82Kb / 12P
Quad. Tridirectional Bus Transceiver(with noninverted/inverted 3-state outputs)
More results


Similar Description - HD74HC442

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC242 HITACHI-HD74HC242 Datasheet
60Kb / 10P
Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
HD74HC442 HITACHI-HD74HC442 Datasheet
82Kb / 12P
Quad. Tridirectional Bus Transceiver(with noninverted/inverted 3-state outputs)
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC243 RENESAS-HD74HC243 Datasheet
93Kb / 7P
Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
logo
Toshiba Semiconductor
TC74VHC240F TOSHIBA-TC74VHC240F_12 Datasheet
210Kb / 10P
Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
logo
STMicroelectronics
M74HC245 STMICROELECTRONICS-M74HC245 Datasheet
181Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com