Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC242 Datasheet (PDF) - Hitachi Semiconductor

HD74HC242 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC242
Download  HD74HC242 Download
File Size   60.3 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)

HD74HC242 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC242 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC242
Download  HD74HC242 Click to download

File Size   60.3 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)

HD74HC242 Datasheet (HTML) - Hitachi Semiconductor


HD74HC242 Product details

Description
The HD74HC242 is an inverting buffer and the HD74HC243 is a noninverting buffer. Each device has one active high enable (GBA), and one active low enable (GAB). GBA enables the A output and GAB enables the B outputs. The device does not have schmitt trigger inputs.
   
Features
• High Speed Operation: tpd = 10 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)
   




Similar Part No. - HD74HC242

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
More results


Similar Description - HD74HC242

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT242 HITACHI-HD74HCT242 Datasheet
57Kb / 8P
Quad. Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC243 RENESAS-HD74HC243 Datasheet
93Kb / 7P
Quad. Bus Transceivers (with noninverted 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
HD74HC442 RENESAS-HD74HC442 Datasheet
189Kb / 8P
Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com