Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5879 Datasheet (PDF) - Mospec Semiconductor

2N5879 Datasheet PDF - Mospec Semiconductor
Part # 2N5879
Download  2N5879 Download
File Size   180.43 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(15A,160W)

2N5879 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5879 Datasheet PDF - Mospec Semiconductor

Part # 2N5879
Download  2N5879 Click to download

File Size   180.43 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(15A,160W)

2N5879 Datasheet (HTML) - Mospec Semiconductor


2N5879 Product details

General-Purpose Power Amplifier and Switching Applications

FEATURES:
* Low Collector-Emitter Saturation Voltage -
   VCE(SAT) = 1.0V(Max.) @ IC = 7.0A
* Execllent DC Current Gain -
   hFE = 10 ~ 100 @ IC = 6.0 A




Similar Part No. - 2N5879

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5879 BOCA-2N5879 Datasheet
186Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5879 ETC-2N5879 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5879 SAVANTIC-2N5879 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5879 ISC-2N5879 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - 2N5879

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
POWER TRANSISTORS(15A)
2N6282 MOSPEC-2N6282 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
POWER TRANSISTORS(15A,130W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
POWER TRANSISTORS(15A,130W)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
POWER TRANSISTORS(15A,400V,100W)
logo
MicroPower Direct, LLC
LBC-160 MPD-LBC-160 Datasheet
1Mb / 4P
160W Output Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com