Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5879 Datasheet (PDF) - Boca Semiconductor Corporation

2N5879 Datasheet PDF - Boca Semiconductor Corporation
Part # 2N5879
Download  2N5879 Download
File Size   186.39 Kbytes
Page   4 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS

2N5879 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5879 Datasheet PDF - Boca Semiconductor Corporation

Part # 2N5879
Download  2N5879 Click to download

File Size   186.39 Kbytes
Page   4 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS

2N5879 Datasheet (HTML) - Boca Semiconductor Corporation


2N5879 Product details

General-Purpose Power Amplifier and Switching Applications

FEATURES:
* Low Collector-Emitter Saturation Voltage -
   VCE(SAT) = 1.0V(Max.) @ IC = 7.0A
* Execllent DC Current Gain -
   hFE = 10 ~ 100 @ IC = 6.0 A




Similar Part No. - 2N5879

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5879 MOSPEC-2N5879 Datasheet
180Kb / 4P
POWER TRANSISTORS(15A,160W)
logo
List of Unclassifed Man...
2N5879 ETC-2N5879 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5879 SAVANTIC-2N5879 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5879 ISC-2N5879 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - 2N5879

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Jun-1997
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
Complementary Silicon High Power Transistors
12-Dec-2005
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Sep-2003
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055AG ONSEMI-2N3055AG Datasheet
143Kb / 6P
Complementary Silicon High-Power Transistors
September, 2013 ??Rev. 7
TIP35A ONSEMI-TIP35A_12 Datasheet
137Kb / 8P
Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results




About Boca Semiconductor Corporation


Boca Semiconductor Corporation was a semiconductor company based in Irvine, California, United States, that produced a wide range of semiconductor products including diodes, rectifiers, transistors, voltage regulators, and other electronic components.

The company was founded in 1965 as Boca Research, a manufacturer of laboratory equipment. In the early 1980s, the company shifted its focus to semiconductor products and changed its name to Boca Semiconductor Corporation. Boca Semiconductor was acquired by Allegro Microsystems in 2001, and the company's product lines were integrated into Allegro's semiconductor portfolio.

Boca Semiconductor had a reputation for producing high-quality, reliable products, and had a strong presence in the automotive, telecommunications, and industrial markets. The company's products were used in a wide range of applications, including power supplies, lighting, motor control, and audio amplification.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com