Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801 Datasheet (PDF) - STMicroelectronics

STV7801 Datasheet PDF - STMicroelectronics
Part # STV7801
Download  STV7801 Download
File Size   196.07 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PLASMA DATA POWER SWITCH

STV7801 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV7801 Datasheet PDF - STMicroelectronics

Part # STV7801
Download  STV7801 Click to download

File Size   196.07 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PLASMA DATA POWER SWITCH

STV7801 Datasheet (HTML) - STMicroelectronics


STV7801 Product details

DESCRIPTION
STV7801 is a monolithic integrated circuit implemented in STMicroelectronics BCD proprietary technology designed as a switched power supply generator for data drivers in a Plasma Display Panel (P.D.P.) application.
The high load drive capability of the STV7801 reduces the number of devices necessary to drive a complete PDP (4 to 6 devices for a 42” VGA 16/9 PDP monitor).

FEATURES
■ High Voltage - Low Power Pulse Generator
■ 100V Absolute Maximum Supply
■ High Load Drive Capability (25nF)
■ 5V Compatible Input Logic
■ Very Low Stand-by Current
■ Power Recovery High Current (±7A)
■ Totem Pole High Output Current (±5A)
■ Built-in Timing Control & Thermal Protection
■ BCD Technology
■ Packaging: Multiwatt 15, Power SO20




Similar Part No. - STV7801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610 STMICROELECTRONICS-STV7610 Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7612/WAF STMICROELECTRONICS-STV7612/WAF Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
More results


Similar Description - STV7801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
logo
Fairchild Semiconductor
FSAV450 FAIRCHILD-FSAV450 Datasheet
1,017Kb / 11P
800MHz Quad SPDT LCD/Plasma Video Switch
logo
STMicroelectronics
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
logo
MKS Instruments.
HMPX60Q MKS-HMPX60Q Datasheet
569Kb / 2P
High Power Microwave Plasma System
logo
Toshiba Semiconductor
42DPC85 TOSHIBA-42DPC85 Datasheet
3Mb / 28P
Plasma Monitor
2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com