Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7801
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7801 Datasheet HTML 3Page - STMicroelectronics STV7801 Datasheet HTML 4Page - STMicroelectronics STV7801 Datasheet HTML 5Page - STMicroelectronics STV7801 Datasheet HTML 6Page - STMicroelectronics STV7801 Datasheet HTML 7Page - STMicroelectronics STV7801 Datasheet HTML 8Page - STMicroelectronics STV7801 Datasheet HTML 9Page - STMicroelectronics STV7801 Datasheet HTML 10Page - STMicroelectronics STV7801 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STV7801S
7/18
9 - ELECTRICAL CHARACTERISTICS
(Tamb = 25°C, Vdd=12 V, Vpp=90 V, Vsslog=Vssub=0 V, Vssp=0 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY
Vdd
Logic Supply Voltage
11
12
13
V
Vpp
Power Output Supply Voltage
20
-
100
V
Idd
Logic Biasing Current without Transition
(Stand-by-mode)
-5
-
mA
Ipp
Power Biasing Current without
Transition (Stand-by-mode)
-6
-
mA
BOOTSTRAPPED SUPPLY VOLTAGE
VCBoot-Vout
Bootstrap supply voltage
12
V
Ilkg1Boot
Boot leakage current Hiz mode
Hiz mode
Vpp=100V,
VCBoot-Vout = 10V
-5
0
5
µA
Ilkg2Boot
Boot leakage current HClmp
HClmp = high
Vpp=100V,
VCBoot-Vout = 10V
15
30
50
µA
OUTPUTS
VsatH
Output Saturation Voltage (high level)
Voltage Drop vs Vpp
iH@-1A
iH@-3A
iH@-4A
1.5
4.5
6.5
V
V
V
VsatL
Output Saturation Voltage (low level)
iL@1A
iL@3A
iL@4A
1.5
4.5
6.5
V
V
V
VsatHL
Power recirculation - Voltage drop (high
to low level)
iL@1A
iL@3A
iL@6A
VPR-FPS=Vpp/2
0.8
2.5
5
V
V
V
VsatLH
Power recirculation - Voltage drop (low
to high level)
iL@-1A
iL@-3A
iL@-6A
VPR-FPS=Vpp/2
0.8
2
5
V
V
V
PROTECTION
Tth
Thermal protection temperature thresh-
old
-
170
-
°C
Vddthreshold
Power ON threshold voltage on Vdd
7.5
V
Vppthreshold
Power ON threshold voltage on Vpp
13.3
V
INPUTS
Vih
Input high level (CMOS compatible)
4
Vdd
V
Vil
Input low level (CMOS compatible)
0.9
V
Iih
High level inut current (Vih=Vdd)
Vih=Vdd=12V
80
120
150
µA
Iil
Low level input current (Vil=0)
-2
0
+2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com