Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7801 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV7801
Description  PLASMA DATA POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7801 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV7801 Datasheet HTML 8Page - STMicroelectronics STV7801 Datasheet HTML 9Page - STMicroelectronics STV7801 Datasheet HTML 10Page - STMicroelectronics STV7801 Datasheet HTML 11Page - STMicroelectronics STV7801 Datasheet HTML 12Page - STMicroelectronics STV7801 Datasheet HTML 13Page - STMicroelectronics STV7801 Datasheet HTML 14Page - STMicroelectronics STV7801 Datasheet HTML 15Page - STMicroelectronics STV7801 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
STV7801S
12/18
The timing of the control signals will be adjusted by
the trimmers of the RC cells. It is recommended to
enable the clamp signals (H-Clmp, L-Clmp) after
the rising (falling) edge of the output signal has
reached its maximum (minimum) value.
14 - RECOVERY FACTOR MEASUREMENT CONDITIONS
An idealised schematic of the Power Recovery application is defined below. The inductance (power sav-
ing mode) and the 2 capacitors (load, floating_supply) are external components for the D.P.S. device.
Figure 4. DPS Device : Functional Diagram
The Power Recovery Factor (PRF) in % is given
by the formula :
PRF = 100 x (Pc - Pr) / Pc.
– Pc is the theoretical capacitive power dissipated
in the switches S1, S2 of the Data Power Switch
device when S3, S4 are not activated. Pc is cal-
culated by the formula :
with F=switching frequency.
Cload = equivalent panel capacitance
– Pr is the power dissipated in the Data Power
Switch device when it is configured in a power re-
covery mode (S1, S2, S3, S4 activated). Pr is
calculated by multiplying the average current giv-
en by the current sensor A and the value of the
supply voltage Vpp.
PRF is affected by the external components of the
DPS device such as the inductance and the de-
coupling capacitors, also the layout of the applica-
tion.
Cload
Vssp
A
Vpp
Inductance
(Power Saving Mode)
S1
S2
S3
S4
Cfloating_supply
P
C
Cl oad
V pp
2
xF
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com