Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR3PM-12L Datasheet (PDF) - Renesas Technology Corp

BCR3PM-12L Datasheet PDF - Renesas Technology Corp
Part # BCR3PM-12L
Download  BCR3PM-12L Download
File Size   121.85 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR3PM-12L Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR3PM-12L Datasheet PDF - Renesas Technology Corp

Part # BCR3PM-12L
Download  BCR3PM-12L Click to download

File Size   121.85 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR3PM-12L Datasheet (HTML) - Renesas Technology Corp


BCR3PM-12L Product details

Features
• IT (RMS) : 3 A
• VDRM : 600 V
• IFGTI, IRGTI, IRGT : 20 mA (10 mA)Note5
• Viso : 2000 V
• Insulated Type
• Planar Passivation Type
• UL Recognized : Yellow Card No. E223904 File No. E80271

Applications
    Contactless AC switch, light dimmer, electric blanket, control of household equipment such as electric fan, solenoid driver, small motor control, and other general purpose control applications




Similar Part No. - BCR3PM-12L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3PM-12LA RENESAS-BCR3PM-12LA Datasheet
101Kb / 7P
Triac
BCR3PM-12LA-A8 RENESAS-BCR3PM-12LA-A8 Datasheet
101Kb / 7P
Triac
BCR3PM-12LA RENESAS-BCR3PM-12LA_10 Datasheet
101Kb / 7P
Triac
BCR3PM-12LB RENESAS-BCR3PM-12LB Datasheet
116Kb / 8P
Triac Low Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR3PM-12LG RENESAS-BCR3PM-12LG Datasheet
136Kb / 8P
Triac Medium Power Use
More results


Similar Description - BCR3PM-12L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A Datasheet
142Kb / 8P
Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
Triac Low Power Use
BCR1AM-12A RENESAS-BCR1AM-12A Datasheet
82Kb / 5P
Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
Triac Low Power Use
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
Triac Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com