Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR2PM-12 Datasheet (PDF) - Renesas Technology Corp

BCR2PM-12 Datasheet PDF - Renesas Technology Corp
Part # BCR2PM-12
Download  BCR2PM-12 Download
File Size   120.87 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR2PM-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR2PM-12 Datasheet PDF - Renesas Technology Corp

Part # BCR2PM-12
Download  BCR2PM-12 Click to download

File Size   120.87 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR2PM-12 Datasheet (HTML) - Renesas Technology Corp


BCR2PM-12 Product details

Features
• IT (RMS) : 2 A
• VDRM : 600 V
• IRGTI, IRGTⅢ : 10 mA
• Non-Insulated Type
• Planar Passivation Type

Applications
    Electric rice cooker, electric pot, and controller for other heater




Similar Part No. - BCR2PM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
Triac Low Power Use
logo
Inchange Semiconductor ...
BCR2PM-12RE ISC-BCR2PM-12RE Datasheet
219Kb / 1P
isc Thyristors
logo
Renesas Technology Corp
BCR2PM-12RE-A8 RENESAS-BCR2PM-12RE-A8 Datasheet
81Kb / 7P
Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE_15 Datasheet
179Kb / 7P
600V - 2A - Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12_15 Datasheet
139Kb / 9P
Triac Low Power Use
More results


Similar Description - BCR2PM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A Datasheet
142Kb / 8P
Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
Triac Low Power Use
BCR1AM-12A RENESAS-BCR1AM-12A Datasheet
82Kb / 5P
Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
Triac Low Power Use
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
Triac Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com